|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ASRD 700 SERIES GLASS PACKAGE STEP RECOVERY DIODE DESCRIPTION: The ASRD 700 Series of Step Recovery Diodes are Designed for General Purpose VCO and Sampler Applications. PACKAGE STYLE 01A FEATURES INCLUDE: * Transition Time as Low as 70 pS * Hermetic Glass Package MAXIMUM RATINGS IF VR PDISS TJ TSTG JC 50 mA UP TO RATED VBR O O 290 mW -65 C to +200 C -65 C to +200 C 0.6 C /mW TC = 25 O O O O STATIC ELECTRICAL CHARACTERISTICS SYMBOL VBR IR = 10 A C TEST CONDITIONS ASRD 703 ASRD 715 ASRD 725 ASRD 733 ASRD 740 ASRD 751 ASRD 753 f = 1 MHz ASRD 703 ASRD 715 ASRD 725 ASRD 733 ASRD 740 ASRD 751 ASRD 753 MINIMUM TYPICAL MAXIMUM 70 50 45 25 15 15 25 6.0 4.0 2.0 1.6 0.6 0.65 0.4 UNITS V CJ6 VR = 6 V pF A D V A N C E D S E M I C O N D U C T O R, I N C. 7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004 Specifications are subject to change without notice. REV. A 1/3 ASRD 700 SERIES GLASS PACKAGE STEP RECOVERY DIODE DYNAMIC ELECTRICAL CHARACTERISTICS SYMBOL IF = 10 mA TC = 25 O C TEST CONDITIONS IR = 6 mA ASRD 703 ASRD 715 ASRD 725 ASRD 733 ASRD 740 ASRD 751 ASRD 753 ASRD 703 ASRD 715 ASRD 725 ASRD 733 ASRD 740 ASRD 751 ASRD 753 MINIMUM TYPICAL MAXIMUM 200 100 30 10 10 10 10 400 320 160 90 75 100 95 UNITS nS Tt VR = 7 V IF = 3 mA pS ORDERING INFORMATION: ASRD 7XXB || | |______ B = BULK | T = Tape & Reel (500 pieces min.) | |__________ 03 15 25 33 40 51 53 A D V A N C E D S E M I C O N D U C T O R, I N C. 7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004 Specifications are subject to change without notice. REV. A 3/3 ASRD 700 SERIES GLASS PACKAGE STEP RECOVERY DIODE CROSS REFERENCE HP P/N 5082-0151 5082-0153 5082-0803 5082-0815 5082-0825 5082-0833 5082-0840 ASI P/N ASRD 751 ASRD 753 ASRD 703 ASRD 715 ASRD 725 ASRD 733 ASRD 740 A D V A N C E D S E M I C O N D U C T O R, I N C. 7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004 Specifications are subject to change without notice. REV. A 3/3 |
Price & Availability of ASRD700 |